|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CdS Photoconductive Photocells PDV-P9200 PACKAGE DIMENSIONS INCH [mm] PACKAGE DIMENSIONS INCH [mm] +.015 [0.38] -.010 [0.25] .079 [2.00] .010 [0.25] .138 [3.50] EPOXY ON LEADS 3 mm MAX 2X O.016 [0.40] .100 [2.54] .010 [0.25] O.165 [4.19] PLASTIC COATED 2X 1.023 [26.0] CERAMIC PACKAGE FEATURES * Visible light response * Sintered construction * Low cost DESCRIPTION The PDV-P9200 are (CdS), Photoconductive photocells designed to sense light from 400 to 700 nm. These light dependent resistors are available in a wide range of resistance values. They're packaged in a two leaded plastic-coated ceramic header. APPLICATIONS * Camera exposure * Shutter controls * Night light Controls ABSOLUTE MAXIMUM RATING (TA)= 23C UNLESS OTHERWISE NOTED SYMBOL Vpk Pd po/t TO TS PARAMETER Applied Voltage Continuous Power Dissipation Operating and Storage Temperature Soldering Temperature* -30 MIN MAX 150 90 +75 +260 UNITS V mW/C C C * 0.200 inch from base for 3 seconds with heat sink. ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED SYMBOL RD RI S lrange lpeak tr Tf CHARACTERISTIC Dark Resistance Illuminated Resistance TEST CONDITIONS MIN 5 10 TYP MAX 50 After 10 sec. @ 10 Lux @ 2856 K 10 Lux @ 2856 K LOG(R100)-LOG(R10)** Sensitivity LOG(E100)-LOG(E10)*** Spectral Application Range Flooded Spectral Application Range Flooded Rise Time 10 Lux @ 2856 K Fall Time After 10 Lux @ 2856 K UNITS MW KW W/Lux 700 520 70 15 nm nm ms ms 0.9 400 **R100, R10: cell resistances at 100 Lux and 10 Lux at 2856 K respectively . ***E100, E10: luminances at 100 Lux and 10 Lux at 2856 K respectively. Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice. REV 3/30/06 |
Price & Availability of PDV-P9200 |